Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7577 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
ST7577
Ver 1.0a
30/48
2008/02/14
Set V0
Set V0 voltage level into this register and the built-in voltage regulator will generate the V0.
A0
R/W(/WR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
VOP6
VOP5
VOP4
VOP3
VOP2
VOP1
VOP0
The V0 voltage can be calculated by this formula:
V0=( a + VOP[6:0] x b ) …………………………………………………………(1)
Figure 19 V0 voltage vs. VOP[6:0] value
The parameters in this formula are controlled by the hardware pin
“PM” (Ta=25°C).
H/W Setting
a
b
Unit
PM=
”L”
3.0
0.03
V
PM=
”H”
4.5
0.03
V
Set Start Line (Vertical-Scroll)
Sets the line address of display RAM to determine the initial display line instruction. The RAM display data is displayed at
the top of row (COM0) of LCD panel.
A0
R/W(/WR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
S5
S4
S3
S2
S1
S0
S5
S4
S3
S2
S1
S0
Column address
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
1
0
2
:
:
:
:
:
:
:
1
0
0
1
0
0
36
1
0
0
1
0
1
37
1
0
0
1
1
0
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com