Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7577 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
ST7577
Ver 1.0a
43/48
2008/02/14
16. APPLICATION NOTE
Selection of Application Voltage
Power Range Summary
l
Positive Booster: (VDD2 x PCn x BE)
≥ V0 or (VDD2 x PCn x BE) ≥ Vop;
l
Negative Booster: [-VDD2 x (PCn - 1) x BE]
≤ XV0 or [VDD2 x (PCn -1) x BE] ≥ (Vop-VG),
where VG = Vop x 2 / N;
l
Vop requirement: [VDD2 x (PCn - 1) x BE]
≥ [Vop x (N-2) / N] or Vop ≤ VDD2 x (PCn -1) x BE x N / (N-2).
l
PCn is the booster stage and BE is the booster efficiency. Referential values are listed below: (assume VDD2=2.8V)
Module Size
≤ 1.4”: BE=80% (min);
Module Size = 1.4
”~1.8”: BE = 76% (min).
Actual BE should be determined by module loading and ITO resistance value.
l
1.28
≤ VG ≤ VDD2-0.2V. Recommend VG is: VDD2-VG around 0.5~0.8V.
l
VM=VG/2 and 0.64V
≤ VM < VDD2.
l
The worse condition should be considered:
Low temperature effect and display on with snow pattern on panel (max: 1.4
”).
According to the Duty Size, the Recommend BIAS, Vop Range and Booster are listed below:
VDD2=2.8V
Duty
Recommend BIAS
Recommend Vop Range
Recommend Booster
39
1/7
6.5 ~ 7.5
X4
1/4
3.5 ~ 4.5
X3, X4
12
1/5
4.5 ~ 5.5
X3, X4
l
The V0 range Tables are base on: LCD Panel Size = 1.4
” with C1=1uF.
l
The actual V0 range depends on the Panel Size, Temperature Effect and Display Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com