Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7586S Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 49Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
ST7586S
Ver-1.1a
45/63
2009/11/30
OPERATION FLOW
Power ON
Referential Operation Flow
Operation Sequence
Case-1: RSTB=L while Power ON
Power ON Flow <Start>
(Sleep In Mode)
Wait Power Stable, t>1ms
(Depends on system power)
Power ON Flow <End>
(Sleep Out Mode)
Keep RESB=L … *1
Wait reset start, t>10us
Set RESB=H … *1
Wait reset finished, t>120ms
Default State … *2
Function Set (by user)
(1) Auto Read Control
(2) OTP WR/RD Control
(3) OTP Read
(4) OTP Control Out
Function Set (by user)
(1) Power Mode (SLPOUT)
(2) Display OFF
(3) Set Vop
(4) BIAS System
(5) Booster Level
(6) Analog Control
(7) N-Line Inversion
(8) Display Mode
(9) Enable DDRAM Interface
(10) Display Control
(11) Inversion Display
Clear DDRAM by “0”
(384 x 160 x 2)
Function Set (by user)
(1) Set Column Address
(2) Set Row Address
(3) Display ON
Note
1.
Please refer to the specification of tRW and tR.
2.
Refer to the section of RESET CIRCUIT.
3.
The detail instruction functionality is described in
section of INSTRUCTION DESCRIPTION.
4.
The power stable is defined as the time that the later
power (VDDI or VDDA) reaches 90% od its rated
voltage.
Case-2: RSTB=H while Power ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com