Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7586S Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7586S
Description  4-Level Gray Scale Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7586S Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7586S Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7586S Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
ST7586S
Ver-1.1a
21/63
2009/11/30
LCD Display Function
DDRAM Map to LCD Driver Output
The internal relation between DDRAM and LCD driver circuit (SEG/COM output path) with different MX or MY setting is
illustrated below.
Row
Address
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
20h
21h
22h
23h
24h
25h
26h
27h
28h
29h
2Ah
2Bh
2Ch
2Dh
2Eh
2Fh
30h
31h
32h
33h
34h
35h
36h
37h
38h
39h
3Ah
3Bh
3Ch
3Dh
3Eh
3Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
Column Address
MX=1
MX=0
SEG PAD
MX=1
MX=0
COM0
COM159
COM1
COM158
COM2
COM157
COM3
COM156
COM4
COM155
COM5
COM154
COM6
COM153
COM7
COM152
COM8
COM151
COM9
COM150
COM10
COM149
COM11
COM148
COM12
COM147
COM13
COM146
COM14
COM145
COM15
COM144
COM16
COM143
COM17
COM142
COM18
COM141
COM19
COM140
COM20
COM139
COM21
COM138
COM22
COM137
COM23
COM136
COM24
COM135
COM25
COM134
COM26
COM133
COM27
COM132
COM28
COM131
COM29
COM130
COM30
COM129
COM31
COM128
COM32
COM127
COM33
COM126
COM34
COM125
COM35
COM124
COM36
COM123
COM37
COM122
COM38
COM121
COM39
COM120
COM40
COM119
COM41
COM118
COM42
COM117
COM43
COM116
COM44
COM115
COM45
COM114
COM46
COM113
COM47
COM112
COM48
COM111
COM49
COM110
COM50
COM109
COM51
COM108
COM52
COM107
COM53
COM106
COM54
COM105
COM55
COM104
COM56
COM103
COM57
COM102
COM58
COM101
COM59
COM100
COM60
COM99
COM61
COM98
COM62
COM97
COM63
COM96
COM31
COM147
COM30
COM148
COM29
COM149
COM28
COM150
COM27
COM151
COM26
COM152
COM25
COM153
COM24
COM154
COM23
COM155
COM22
COM156
COM21
COM157
COM20
COM158
COM19
COM159
COM134
COM135
COM136
COM137
COM138
COM139
COM140
COM141
COM142
COM143
COM144
COM145
COM146
COM128
COM129
COM130
COM131
COM132
COM133
COM18
COM17
COM16
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM PAD
MY=0
MY=1
Start Line: S[7..0]=00h
First Output COM: FC[7..0]=00h
Fig. 6
DDRAM Display Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com