Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7624 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7624
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7624 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7624 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 98Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
ST7624
Ver 1.8
95/98
2006/08/15
Interface : 6800series-16bits
VDD,VDD1=2.4V~3.3V
VDD2~VDD5=2.4V~3.3V
Booster : X7
CSEL = H
IF1 = H ; IF2 = L ; IF3 = L
C1~C5 : 0.1uF~1.0uF/25V
C6~C13 : 1.0~2.2uF/25V
Vop = 12~15V
Bias = 1/11(under 1/104 duty)
R1=1M-ohm
D10
D12
D9
D14
D15
/CS
E
A0
R/W
RST
com0
com102
s eg311
seg0
com103
c om1
D8
D13
D11
VSS
VDD
D2
D7
D0
D5
D4
D1
D3
D6
444
447
448
451
452
453
454
455
456
457
458
459
460
461
462
463
464
465
466
467
468
469
470
471
472
473
474
475
476
477
478
479
480
481
482
483
484
485
486
487
488
489
490
491
492
493
494
495
496
497
498
499
500
501
504
505
506
519
520
521
522
523
528
529
532
533
534
535
536
537
538
539
540
541
542
543
544
545
550
551
556
416
365
364
053
052
001
VLCDOUT
VLCDOUT
VLCDIN
VLCDIN
CAP1P
CAP1N
CAP3P
CAP5P
CAP7P
CAP4P
CAP2N
CAP6P
CAP2N
CAP2P
TCAP
VDD5
VDD3
VDD4
VDD2
VSS
VSS
VDD1
VDD3
CAP1N
VDD5
VDD2
VDD
IF1
VDD
/CS
SCL
SI
VDD
VSS
IF3
IF2
INTRS
CSEL
VDD
VSS
RST
E_RD
VDD
VSS
D15
D14
D13
D12
D11
D10
D9
D8
VDD
VSS
CLS
VSS
VDD
CL
VSS
s eg311
VDD
RW_WR
A0
D0
D1
D2
D3
D4
D5
D6
D7
VDD
VREF
VR
V4
V3
V2
V1
V0OUT
com103
V0OUT
seg0
com0
com1
V0IN
com102
V0IN
1uF/25V
1uF/25V
1uF/25V
1uF/25V
1uF/25V
1M-ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com