Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7624 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7624
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7624 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7624 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
ST7624
Ver 1.8
21/98
2006/08/15
Memory Map (When using the 65K color. 16-bit mode)
RGB alignment (Command of data control parameter2=000)
Data control command (BCH)
Column
0
1
103
P11:0(DATCTL)
103
102
0
P11:1(DATCTL)
Color
R
G
B
R
G
B
R
G
B
LCD
read
direction
Data
Page
Block
P10:0
(DATCTL)
P10:1
(DATCTL)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
103
1
102
2
101
0
3
100
4
99
5
98
6
97
1
7
96
96
7
97
6
98
5
24
99
4
100
3
101
2
102
1
25
103
0
SEGout
0
1
2
3
4
5
309
310
311
You can change position of R and B with DATCTL command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com