Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7625 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7625
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7625 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7625 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
ST7625
Ver 1.6
71/160
2008/07
9.1.10 APOFF: All Pixels Off (22H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
APOFF
0
1
0
0
0
1
0
0
0
1
0
(22h)
Parameter
No Parameter
Description
This command is only used for test purpose e.g. pixel response time (on/off) measurements on the
passive matrix display. Therefore, it is possible that this command is not used for final product
software.
All driver outputs become “Low” data state and display becomes black.
This command makes no change of contents of display memory.
This command does not change any other status.
Exit commands are “All Pixels On”, “Normal Display Mode On” and “Partial Display On”.
The display is showing the contents of the frame memory after “Normal Display Mode On” and
“Partial Display On” commands.
Memory
Display
(Example)
Restriction
This command has no effect when module is already All Pixel Off mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
All pixel off mode disable
S/W Reset
All pixel off mode disable
H/W Reset
All pixel off mode disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com