Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7625 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7625
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7625 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7625 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
ST7625
Ver 1.6
2/160
2008/07
3. ST7625 Pad Arrangement (COG)
Chip Size :
9,930 um x 820 um
Bump Pitch :
PAD NO. 1 ~ 30, 143 ~ 514 : 27 um (COM/SEG)
PAD NO. 31 ~ 142 : 80 um (I/O)
Bump Size :
PAD NO. 1 ~ 25, 148 ~ 172 :
120.5 um(x) ~ 15 um(y)
(COM)
PAD NO. 26 ~ 30, 143 ~ 147, 173 ~ 514 :
15 um(x) ~ 120.5 um(y)
(COM/SEG)
PAD NO. 31 ~ 142 :
65 um(x) ~ 63 um(y) (I/O)
Bump Height : 15 um
32.41
20
52.41
41.78
30
11.78
62.77
32.77
30
Unit : um
Unit : um
Unit : um
120.5
15
63
Unit : um
Bump size of
PAD 31~142
Bump size of
PAD 1~25
PAD 148~172
Bump size of
PAD 26~30
PAD 143~147
PAD 173~514
(2288,-65)
(4693,127)
(-4528.36,-351.73)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com