Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7625 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7625
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7625 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7625 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
ST7625
Ver 1.6
95/160
2008/07
9.1.26 DutySet: Display Duty setting (B0H)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
DutySet
0
1
0
1
0
1
1
0
0
0
0
(B0h)
Parameter
1
1
0
0
Du6
Du5
Du4
Du3
Du2
Du1
Du0 -
NOTE: “-“ Don’t care
Description
This command is used to set display duty. Command set = display duty numbers - 1.
Example:
Duty
Du6
Du5
Du4
Du3
Du2
Du1
Du0
Command set=
Display duty
numbers-1
Example:
1/96 duty
1
0
1
1
1
1
1
96-1=95
Restriction
Display duty must > 4 (1/4 duty)
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
(Du[6:0])
Power On Sequence
01011101b (5Fh)
S/W Reset
01011101b (5Fh)
H/W Reset
01011111b (5Fh)
Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com