Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7626 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7626 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
ST7626
Ver 1.5
43/94
2007/01/20
Write( COMMAND, 0xfc );
// Write Data to EEPROM
delay(50000);
//Delay 50 ms, the range is delay
≥50ms
Write( COMMAND, 0xeb );
// Select EEPROM
Write( DATA, 0x02 );
// EEPROM 3rd byte
Write( COMMAND, 0xfc );
// Write Data to EEPROM
delay(50000);
// Delay 50ms, the range is 10ms < delay < 80ms
Write( COMMAND, 0xeb );
// Select EEPROM
Write( DATA, 0x03 );
// EEPROM 4th byte
Write( COMMAND, 0xfc );
// Write Data to EEPROM
delay(50000);
// Delay 50ms, the range is 10ms < delay < 80ms
Write( COMMAND, 0xeb );
// Select EEPROM
Write( DATA, 0x04 );
// EEPROM 5th byte
Write( COMMAND, 0xfc );
// Write Data to EEPROM
delay(50000);
// Delay 50ms, the range is 10ms < delay < 80ms
Write( COMMAND, 0xcc );
// Cancel EEPROM
delay(50000);
// Delay 50ms
Write( COMMAND, 0x30 );
// EXT=0
Write( COMMAND, 0x20 );
// Power Control
Write( DATA, 0x0b );
// B/F/R = On/On/On
Write( COMMAND, 0xaf );
// Display On
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com