Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7626 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7626 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
ST7626
Ver 1.5
17/94
2007/01/20
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRGGGGBBBBXXXX
Data is acquired through signal write operation and then written to the display RAM.
“XXXX” are dummy bits, and they are ignored for display.
(1-2) Type B 4096 color display
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: XXXXRRRR
1st write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGBBBB
2nd write
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: XXXXRRRRGGGGBBBB
A single pixel of data is read and written in the display RAM in a single write operation.
“XXXX” are dummy bits, and they are ignored for display.
(2) 65K color input mode
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRRGGG
1st write
D7, D6, D5, D4, D3, D2, D1, D0: GGGBBBBB
2nd write
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.
2. 16-bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRGGGGGGBBBBB (16 bits)
Data is acquired through signal write operation and then written to the display RAM.
(3) Truncated 262K color input mode
1. 8-bit mode
D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRXX
1st write
D7, D6, D5, D4, D3, D2, D1, D0: GGGGGGXX
2nd write
D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBXX
3rd write
A single pixel of data is read after the third write operation as shown, and it is written in the display RAM.
“X” is dummy bit, and it is ignored for display.
2. 16 bit mode
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRXXGGGGGGXX
1st write
D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBXXXXXXXXXXXX
2nd write
A single pixel of data is read after the second write operation as shown, and it is written in the display RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com