Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7628 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7628
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7628 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7628 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 213 page
background image
ST7628
Ver 1.4
30/213
2008/08
7.3 DISPLAY DATA RAM (DDRAM)
7.3.1
DDRAM
It is 98 X 70 X 16 bits capacity RAM prepared for storing dot data. Refer to the following memory map for the RAM
configuration.
Memory Map
RGB alignment
Data control command
Column
0
1
97
(MADCTR) MX=0
97
96
0
(MADCTR) MX=1
Color
R
G
B
R
G
B
R
G
B
Data
Page
(MADCTR)
MY=0
(MADCTR)
MY=1
0
69
1
68
2
67
3
66
4
65
5
64
6
63
7
62
:
:
62
7
63
6
64
5
65
4
66
3
67
2
68
1
69
0
SEGout
0
1
2
3
4
5
291
292
293
You can change position of R and B with MADCTR command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com