Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7628 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7628
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7628 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7628 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 213 page
background image
ST7628
Ver 1.4
2/213
2008/08
3. ST7628 Pad Arrangement (COG)
481 SEG293
485 COM68
517 COM4
Y
X
(0,0)
137 VSS
136 VgIn
135 VgIn
130 VgIn
129 VgIn
128 VgS
127 VgOut
126 VgOout
125 XV0In
124 XV0In
123 XV0In
122 XV0In
121 XV0S
120 XV0Out
119 XV0Out
118 V0Out
117 V0Out
116 V0S
115 V0In
114 V0In
113 V0In
112 V0In
111 VREF
110 Vm
109 VDD2
100 VDD2
99 VDD5
98 VDD5
97 VDD5
96 VDD5
95 VDD5
94 VDD5
93 VDD5
92 VDD5
91 VDD4
90 VDD4
89 VDD3
88 VDD3
87 VSS4
86 VSS4
85 VSS2
84 VSS2
82 VSS2
83 VSS2
152 COM5
184 COM69
188 SEG0
15 dummy
21 dummy
22 VSS
23 VPP
24 VPP
25 VPP
26 VPP
27 CL
28 CLS
29 VDD
30 A0
31 RW_WR
32 D0
33 D1
34 D2
35 D3
36 D4
37 D5
38 D6
39 D7
40 D8
41 D9
42 D10
43 D11
44 D12
45 D13
46 D14
47 D15
48 VSS
49 VDD
50 E_RD
51 RST
52 CSEL
53 IF1
54 IF2
55 IF3
56 VSS
57 VDD
58 /CS
59 /EXT
60 TE
61 TCAP
62 VDD
63 VDD
64 VDD
65 VDD
66 VDD
67 VDD
68 VSS1
69 VSS1
70 VSS
71 VSS
72 VSS
73 VSS
74 VSS2
75 VSS2
76 VSS2
Chip Size :
10070 um x 780 um
Bump Pitch :
PAD 1~2, 3~14 pitch=27um(min, com/seg)
PAD 138~149, 150~517 pitch=27um(min, com/seg)
PAD 2~3, 149~150 pitch=28.79um(min, com/seg)
PAD 15 ~ 28, 29~137 pitch=80um (I/O)
PAD 28~29 pitch = 79.72um(I/O)
Bump Size :
PAD 1 ~ 14 , PAD 138 ~ 517
Bump width=14um(min, com/seg)
Bump space=13um(min, com/seg)
Bump length=128um(min, com/seg)
Bump area=1800um^2(com/seg)
PAD 15 ~28, 29~137
Bump width=65um(I/O)
Bump space=15um(I/O)
Bump length=63um(I/O)
Bump area=4095um^2
PAD 28~29
Bump width=65um(I/O)
Bump space=14.72um(I/O)
Bump length=63um(I/O)
Bump area=4095um^2
Bump Height : 15 um
Chip Thickness : 400 um
Alignment mark
The center of alignment mark: see bellow Table
Right L-Mark
Left L-Mark
55
57
Center
15
15
15
15
55
57
Center
15 15
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com