Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7628 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7628
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7628 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7628 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 213 page
background image
ST7628
Ver 1.4
59/213
2008/08
7.9.4
Frquency Temperature Gradient Compensation Coefficient
ST7628 will auto-switch frame rate on different temperature such as
Figure 11.1. TA, TB and TC are frame rate
switching temperatures which can be defined by customer with command TMPRNG(see section 9.1.70). FA, FB, FC
and FD are switched frame rate which also can be defined by customer with command FRMSEL (see section 9.1.68).
The frame rate range is from 37.5Hz to 170Hz.
When the temperature is in increasing state, frame rate changes to the higher step at TA/TB/TC+TH(
). When
℃
the temperature is in decreasing state, frame rate changes to the lower step at TA/TB/TC. For example: TC=10℃
and TH=5
, FC switches to FD at 15
but FD switches to FC at 10
. Please take
℃
℃
℃
Figure 11.1for reference.
Figure 7.10
Note:
Please make sure to avoid any kind of heating source closing to ST7628 such as back light, to prevent
Vop is not anticipatve because of temperature compensate circuit worked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com