Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7632 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 96Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
ST7632
Ver 1.7
95/96
2006/08/15
(I)128X96
Duty=1/132
Vop=12~14V
Bias=1/12 bias
Display window set: start page=16,end page=111
128X96
COM100
465
COM101
466
COM102
467
COM131
496
COM0
632
COM16
648
COM17
649
COM31
663
ST7632 (CSEL=0)
COM130
495
COM129
494
COM29
662
COM28
661
S?
COM0
COM47
COM1
COM46
COM2
COM48
COM3
COM49
COM4
COM50
COM5
COM94
COM95
(P12,P11,P10)=(0,0,1)
COM0
COM1
COM47
COM46
COM48
COM49
COM94
COM95
NOTE: Microprocessor interface pins should not be floating in any operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com