Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7632 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
ST7632
Ver 1.7
17/96
2006/08/15
COM0
to
COM131
O
LCD common driver outputs
The internal scanning data and M signal control the output voltage of common driver.
Scan data
M (Internal)
Common driver output voltage
H
H
VSS
H
L
V0
L
H
V1
L
L
V4
Power save mode
VSS
ST7632 I/O PIN ITO Resister Limitation
PIN Name
ITO Resister
IF[2:0],CLS,CSEL
No Limitation
VREF, TCAP, CLP
Floating
VDD, VDD1~VDD5, VSS, VSS1, VSS2, VSS4, VOUTIN, VOUTOUT
<100
V0IN, V0OUT, V1, V2, V3, V4
<100
A0, RW_WR, E_RD, /CS, D0
…D15, SCL, SI
<1K
RESB
<10K
Suggest Vop range : 12v~14v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com