Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7632 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7632 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
ST7632
Ver 1.7
2/96
2006/08/15
3. ST7632 Pad Arrangement (COG)
Chip Size: 19,550 um
× 1,473 um
Bump Pitch: PAD NO 1 ~ 496, 632~663: 40 um (COM/SEG), PAD NO 497 ~ 631: 110 um (I/O)
Bump size:
PAD NO.1~464: 25(x)um X 110(y)um
PAD No.465~496, 632~663: 110(x)um X 25(y)um
PAD N0. 497~631: 90(x)um X 40(y)um
Bump Height: 17um
Chip Thickness: 635 um
632
663
X
Y
1
465
496
497
631
(0,0)
630
498
464 463
unit: um
(-174,-483)
40
81.75
40
25
unit: um
(-7909.1,189.69)
45
60
30
30
unit: um
(9427.36, -645.88)
45
60
30
30
25
110
Bump size of
PAD 1~464
unit: um
90
40
Bump size of
PAD 497 ~ 631
unit: um
25
110
Bump size of
PAD 465~496
PAD 632~663
unit: um



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com