Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7689 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7689
Description  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 195 page
background image
ST7689
Version 1.0
Page 43 of 195
2009/10
Example1) Panel size=128 x 160, TFA =3, VSA=155, BFA=2, SSA=4, MADCTL (ML)=0: Rolling Scroll
Example2) Panel size=128 x 160, TFA =2, VSA=155, BFA=3, SSA=4, MADCTL (ML)=1: Rolling Scroll (TFA and BFA
are exchanged)
Vertical Scroll Example
There are 2 types of vertical scrolling, which are determined by the commands “Vertical Scrolling Definition” (33h) and
“Vertical Scrolling Start Address” (37h).
Case 1: TFA + VSA + BFA<160
N/A. Do not set TFA + VSA + BFA<160. In that case, unexpected picture will be shown.
Case 2: TFA + VSA + BFA=160 (Rolling Scrolling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com