Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7689 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7689 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7689
Download  ST7689 Download
File Size   2791.8 Kbytes
Page   195 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver

ST7689 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7689 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7689
Download  ST7689 Click to download

File Size   2791.8 Kbytes
Page   195 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver

ST7689 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7689 Product details

INTRODUCTION
The ST7689 is a driver & controller LSI for 65K color graphic dot-matrix liquid crystal display systems. It generates 384 segments and 160 commons driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral Interface or 8-bit/16-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Driver Output Circuits
    ♦ 384 segment outputs / 160 common outputs
Applicable Duty Ratios
    ♦ Various partial display
    ♦ Partial window moving & data scrolling
Gray-Scale Display
    ♦ 4FRC & 31 PWM function circuit to display 64 gray-scale display
    ♦ Support 8 color mode (Idle mode)
On-chip Display Data RAM
    ♦ Capacity: 128 x 160 x 16 = 327,680 bits
Color support by Interface
    ♦ 256 color mode(RGB)=(332) mode
    ♦ 4k colors (RGB)=(444) mode
    ♦ 65K colors (RGB)=(565) mode
    ♦ 262K colors (RGB)=(666) mode (truncate)
Microprocessor Interface
    ♦ 8/16-bit parallel bi-directional interface with 6800-series or 8080-series
    ♦ 3-line (9-bits) , 4-line(8-bits) serial interface
On-chip Low Power Analog Circuit
    ♦ On-chip oscillator circuit and voltage regulator
    ♦ Voltage converter (x5, x6, x7, x8) with internal booster capacitors.
    ♦ Extremely few outsider components. (Required outsider components: 4 Capacitors)
    ♦ On-chip electronic contrast control function
    ♦ Voltage follower
        (LCD bias: 1/9, 1/10, 1/11, 1/12, 1/13, 1/14)
Operating Voltage Range
    ♦ Supply Digital Voltage -> VDDI (VDD) = 1.65~3.3V
    ♦ Supply Analog Voltage -> VDDA (VDD1, VDD2, VDD3, VDD4, VDD5) = 2.4~3.3V
    ♦ LCD driving voltage (VOP = V0 - VSS): Max: 18V
LCD Driving Voltage (PROM)
    ♦ Contrast Adjustment Value is stored in the built-in PROM (Programmable ROM) for better display quality
LCD Driving Setting Suggestion
    ♦ Vop=15~16V. Bias=1/9~1/11
Package Type
    ♦ Application for COG




Similar Part No. - ST7689

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
More results


Similar Description - ST7689

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com