Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7689 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7689
Description  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 195 page
background image
ST7689
Version 1.0
Page 95 of 195
2009/10
8.1.18. CASET: Column Address Set (2AH)
A0
RD
WR
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Command
0
1
0
0
0
1
0
1
0
1
0
2AH
1
st parameter
1
1
0
XS15 XS14 XS13 XS12 XS11 XS10
XS9
XS8
Note1
2
nd parameter
1
1
0
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
Note1
3
rd parameter
1
1
0
XE15 XE14 XE13 XE12 XE11 XE10
XE9
XE8
Note1
4
th parameter
1
1
0
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
Note1
Description
This command is used to define area of frame memory where MCU can access.
This command makes no change on the other driver status.
The values of XS[15:0] and XE[15:0] are referred when RAMWR command comes. Each value
represents one column line in the Frame Memory.
Restriction
XS[15:0] always must be equal to or less than XE[15:0]
Note 1: When XS[15:0] or XE[15:0] is greater than 7Fh (when MADCTL’s MV=0) or 9Fh (when
MADCTL’s MV=1), data of out of range will be ignored
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
XS [15:0]
XE [15:0]
(MV=0)
XE [15:0]
(MV=1)
Power On Sequence
00h
7Fh
S/W Reset
00h
7Fh
9Fh
H/W Reset
00h
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com