Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7920 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7920
Description  Chinese Fonts built in LCD controller/driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7920 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
ST7920
V4.0
43/49
2008/08/18
AC Characteristics (TA = -30℃ ~ 85℃, VDD = 4.5V) Serial Mode Interface
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
Internal Clock Operation
fOSC
OSC Frequency
R = 33K
Ω
470
530
590
KHz
External Clock Operation
fEX
External Frequency
-
470
530
590
KHz
Duty Cycle
-
45
50
55
%
TR,TF
Rise/Fall Time
-
-
-
0.2
µs
TSCYC
Serial clock cycle
Pin E
400
-
-
ns
TSHW
SCLK high pulse
width
Pin E
200
-
-
ns
TSLW
SCLK low pulse width
Pin E
200
-
-
ns
TSDS
SID data setup time
Pins RW
40
-
-
ns
TSDH
SID data hold time
Pins RW
40
-
-
ns
TCSS
CS setup time
Pins RS
60
-
-
ns
TCSH
CS hold time
Pins RS
60
-
-
ns
AC Characteristics (TA = -30℃ ~ 85℃, VDD = 2.7V) Serial Mode Interface
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
Internal Clock Operation
fOSC
OSC Frequency
R = 18K
Ω
470
530
590
KHz
External Clock Operation
fEX
External Frequency
-
470
530
590
KHz
Duty Cycle
-
45
50
55
%
TR,TF
Rise/Fall Time
-
-
-
0.2
µs
TSCYC
Serial clock cycle
Pin E
600
-
-
ns
TSHW
SCLK high pulse
width
Pin E
300
-
-
ns
TSLW
SCLK low pulse width
Pin E
300
-
-
ns
TSDS
SID data setup time
Pins RW
40
-
-
ns
TSDH
SID data hold time
Pins RW
40
-
-
ns
TCSS
CS setup time
Pins RS
60
-
-
ns
TCSH
CS hold time
Pins RS
60
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com