Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7920 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7920
Description  Chinese Fonts built in LCD controller/driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7920 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
ST7920
V4.0
21/49
2008/08/18
l
Function Set
DL: 4/8-bit interface control bit
When DL = "1", 8-bit MPU bus interface
When DL = "0", 4-bit MPU bus interface
RE: extended instruction set control bit
When RE = "1", extended instruction set
When RE = "0", basic instruction set
In same instruction cannot alter DL and RE at once. Make sure that change DL first then RE.
l
Set CGRAM Address
Set CGRAM address into address counter (AC)
AC range is 00H
…3FH
Make sure that in extended instruction SR=0 (scroll address or RAM address select)
l
Set DDRAM Address
Set DDRAM address into address counter (AC).
First line AC range is 80H
…8FH
Second line AC range is 90H
…9FH
Third line AC range is A0H
…AFH
Fourth line AC range is B0H
…BFH
Please note that only 2 lines can be display with one ST7920.
l
Read Busy Flag (BF) and Address
Read busy flag (BF) can check whether the internal operation is finished or not. At the same time, the value of
address counter (AC) is also read. When BF =
“1”, further instruction(s) will not be accepted until BF = “0”.
0
0
0
0
1
DL
X
RE
Code
RS
RW DB7 DB6 DB5 DB4
DB1
DB2
DB3
X
X
DB0
0
1
BF
AC6 AC5 AC4 AC3 AC2
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
AC1 AC0
DB0
0
0
0
1
AC5 AC4 AC3 AC2
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
AC1 AC0
DB0
0
0
1
AC6 AC5 AC4 AC3 AC2
Code
RS
RW
DB7
DB6
DB5
DB4
DB1
DB2
DB3
AC1 AC0
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com