Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7920 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7920
Description  Chinese Fonts built in LCD controller/driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7920 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ST7920
V4.0
2/49
2008/08/18
ST7920 Specification Reversion History
Version
Date
Description
C1.7
2000/12/15
1.
VCC changed to VDD.
2.
VLCD changed from VCC-V5 to V0-VSS.
3.
DC characteristics input High voltage (Vih) changed to 0.7VDD.
4.
DC characteristics output High voltage (Voh) changed to 0.8VDD.
C1.8
2001/03/01
1.
Chip Size changed.
2.
ICON 256 dots changed to 240 dots.
3.
XOFF normal high sleep Low changed to normal low sleep High.
4.
Added XOFF application.
5.
Modified application of ST7920: PIN 4~6 are floating. (PIN 4~6 are test pin)
6.
Modified voltage doubler CAP1P, CAP1M, CAP2M capacitors polarity
C1.9
2001/05/28
1.
Icon RAM TABLE changed. (TABLE-6)
2.
Booster description modified. (PAGE-29)
3.
AC Characteristics modified.
4.
Added 2Line 16 Chinese Word (32Com X 256Seg) application circuit.
5.
Added oscillation resistor
’s relation to power consumption and frequency.
C2.0
2001/07/03
1.
Added Register initial values.
2.
Voltage booster CAP1M CAP1P polarity changed (PAGE-30).
V2.0
2001/08/17
1.
Modified Table 7 (PAGE-14).
2.
Change to English version.
V2.0c
2001/10/18
1.
Modified page-38 Serial interface timing diagram.
V2.0d
2002/05/09
1.
Add the standard code (Japan, GB code, BIG-5 code).
V3.0
2002/10/11
1.
Delete sleep mode function.
V3.1
2003/04/11
1.
Modified GDRAM Address (AC5
…AC0, 00h…3Fh).
V3.2
2003/09/09
1.
Add the CGROM and HCGROM test application circuit.
V3.3
2004/03/29
1.
Updat the using method for ICON.
V3.4
2005/5/24
1.
ICON no used.
V3.5
2005/5/24
1.
Add VOUT voltage limitation.
2.
Remove IRAM related descriptions.
V3.6
2005/6/6
1.
Fix the check sum count number on Page 28~30.
655360->655362, 10240->10242.
2.
Modify the description about serial interface.
V3.7
2007/7/24
1.
Add CGROM/HCGROM checksum operation time.
V3.8
2007/12/20
1.
Add
“Clear DDRAM” step before check sum process.
V3.9
2008/3/3
1.
Modify 4-bit initial sequence.
V4.0
2008/8/18
1.
Add Font Code
“0F” at Page 1.
2.
Modify the description of Font Code Table at Page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com