Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
ST7565
Ver 1.0a
43/56
2002/06/24
2. When the built-in power is not being used immediately after turning on the power:
* The target time of 5ms will result to vary depending on the panel characteristics and the capacitance of the smoothing
capacitor. Therefore, we suggest you to conduct an operation check using the actual equipment.
Notes: Refer to respective sections or paragraphs listed below.
*1: Description of functions; Resetting circuit
*2: Command description; LCD bias setting
*3: Command description; ADC selection
*4: Command description; Common output state selection
*5: Description of functions; Power circuit & Command description; Setting the built-in resistance radio for regulation of the V5
voltage
*6: Description of functions; Power circuit & Command description; Electronic volume control
*7: Description of functions; Power circuit & Command description; Power control setting
*8: The power saver ON state can either be in sleep state or stand-by state.
Command description; Power saver START (multiple commands)
Turn ON the VDD-VSS power keeping the
/RES pin = “L”.
When the power is stabilized
Release the reset state. (/RES pin = “H”)
Power saver OFF *8
Function setup by command input (User
setup)
(17) Setting the built-in resistance radio
for regulation of the V5 voltage *5
(18) Electronic volume control *6
Function setup by command input (User
setup)
(11) LCD bias setting *2
(8) ADC selection *3
(15) Common output state selection *4
Power saver START
(multiple commands) *8
Initialized state (Default) *1
Arrange to start the
power saver within
5ms after releasing the
reset state. (In case of
other models) execute
the procedures from
turning on the power
to setting the power
control in 5ms.
Function setup by command input (User
setup)
(16) Power control setting *7
This concludes the initialization
Arrange to start power
control setting within
5ms after turning OFF
the power saver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com