Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ST7565
Ver 1.0a
21/56
2002/06/24
Figure 7
* The VSS2 voltage range must be set so that the VOUT terminal voltage does not exceed the absolute maximum rated value.
The Voltage Regulator Circuit
The step-up voltage generated at VOUT outputs the LCD
driver voltage V5 through the voltage regulator circuit.
Because the ST7565 chips have an internal high-accuracy
fixed voltage power supply with a 64-level electronic volume
function and internal resistors for the V5 voltage regulator,
systems can be constructed without having to include
high-accuracy voltage regulator circuit components.
Moreover, in the ST7565, Two types of thermal gradients
have been prepared as VREG options: (1) approximately
-0.15%/°C (2) external input (supplied to the VRS terminal)
(A) When the V5 Voltage Regulator Internal Resistors Are Used
Through the use of the V5 voltage regulator internal resistors
and the electronic volume function the liquid crystal power
supply voltage V5 can be controlled by commands alone
(without adding any external resistors), making it possible to
adjust the liquid crystal display brightness. The V5 voltage
can be calculated using equation A-1 over the range where
| V5 | < | VOUT |.
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2-
CAP2+
2x step-up voltage circuit
VDD=0V
VSS2=-5V
VOUT=3xVSS2=-10V
2x step-up voltage relationships
OPEN
C1
C1
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2-
CAP2+
3x step-up voltage circuit
VDD=0V
VSS2=-3V
VOUT=3xVSS2=-9V
3x step-up voltage relationships
C1
C1
C1
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2-
CAP2+
4x step-up voltage circuit
VDD=0V
VSS2=-3V
VOUT=4xVSS2=-12V
4x step-up voltage relationships
C1
C1
C1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com