Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7565 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
ST7565
Ver 1.0a
2/56
2002/06/24
P
PIIN
N D
DIIM
ME
EN
NS
SIIO
ON
NS
S
Chip Size
9760 μm X 2440 μm
Bump Pitch
65 μm (Min.)
Bump Size
PAD No. 1~24
85 μm X 85 μm
PAD No. 25~82
64 μm X 85 μm
PAD No. 83~99
85 μm X 85 μm
PAD No. 100
85 μm X 73 μm
PAD No. 101~133
85 μm X 47 μm
PAD No. 134
85 μm X 73 μm
PAD No. 135
73 μm X 85 μm
PAD No. 136~273
47 μm X 85 μm
PAD No. 274
73 μm X 85 μm
PAD No. 275
85 μm X 73 μm
PAD No. 276~308
85 μm X 47 μm
PAD No. 309
85 μm X 73 μm
Bump Height
18 μm (Typ.)
Chip Thickness
457 μm
Master/slave mode cancel.
VOUT maximum -18V
ST7565-0A Temperature gradient = -0.15%/°C
Logic power supply VDD – VSS = 4.0V to 5.5 V
Booster 4 times cancel , 3 times , 2 times worked
In display reverse mode , used display off command : display pixels all on
In display reverse mode , used display all point on command : display pixels all off
(0,0)
ST7565
Die No.
1
309
275
274
135
134
100
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com