Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH20122N2DL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # MH20122N2DL
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH20122N2DL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  MH20122N2DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
Ⅶ﹒L / Q VS. FREQ. CURVE:
NAME
PROD.
REF :
PAGE: 3
MH2012□□□□L□-□□□
Frequency ( GHz )
1
1.0
10
10
100
L vs. Frequency
1000
e-02
Frequency ( GHz )
30
0
1.0 e-02
Q vs. Frequency
10
60
120
90
150
2N2
4N7
12N
27N
56N
R10
R15
27N
56N
R10
12N
4N7
2N2
R15
MULTILAYER CHIP INDUCTOR
AR-001A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com