Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH20122N2DL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # MH20122N2DL
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH20122N2DL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  MH20122N2DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF :
PAGE: 1
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅴ﹒GENERAL SPECIFICATION:
c﹒Solderability:Preheat 150℃. 60 sec
a﹒Storage temp.:-55℃---- +125℃
b﹒Operating temp.:-55℃ ---- +125℃
Solder:H63A
Solder temp.:230±5℃
Flux:Rosin
Dip time:4±1 sec
MH2012□□□□L□-□□□
A
:
2.00±0.20
m/m
B
:
1.20±0.20
C
:
0.85±0.20
D
:
0.50±0.30
m/m
m/m
m/m
Ⅲ﹒FEATURES:
a﹒Monolithic structure ensuring high performance and reliability.
b﹒High frequency applications up to 6GHz.
a﹒RF modules for telecommunication systems including
Ⅳ﹒APPLICATIONS:
GSM, PCS,DECT,WLAN,Bluetooth,etc.
A
D
200
50
0
50
100
150
200
Time ( seconds )
100
150
250
70sec max.
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Temperature
250
+4.0
/ sec max.
℃
Rising Area
Forced Cooling Area
50sec max.
-(1.0 ~ 5.0)
/ sec max.
℃
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
+2.0 ~ 4.0℃
/ sec max.
Reflow Area
Peak Temperature:
230
℃
260
℃
c﹒Terminal:Ag/Cu/Ni/Sn
d﹒Remark:Products comply with RoHS' requirements
MULTILAYER CHIP INDUCTOR
AR-001A


Similar Part No. - MH20122N2DL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH20 BOURNS-MH20 Datasheet
911Kb / 6P
MH45/MH32/MH20 Series High Current Chip Ferrite Beads
REV. 06/22
logo
FLEXTRAL
MH20 FLEXTRAL-MH20 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
MH20-100 FLEXTRAL-MH20-100 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
MH20-125 FLEXTRAL-MH20-125 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
MH20-150 FLEXTRAL-MH20-150 Datasheet
2Mb / 1P
MH20 Flex-Cord Fabric Concrete Placement
V08.21
More results

Similar Description - MH20122N2DL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
MULTILAYER CHIP INDUCTOR
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
Multilayer Chip Inductor
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com