Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH20122N2DL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MH20122N2DL
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH20122N2DL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MH20122N2DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH20122N2DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Outer : Carton
G.W. (Kg)
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
MH2012
Series
4,000
07 - 08
Style
G.W. (gw)
120
Inner : Reel
200,000
Q'TY (pcs)
41 x 39 x 22
Size (cm)
8.5
Ⅷ﹒PACKAGING INFORMATION:
2.0±0.5
C
∮
( 2 ) Dimensions
A
Style
07 - 08
178
G
C
13
B
21±0.8
D
8
( 1 ) Configuration
T
D
Emobossed Carrier
N
G
+0
10
50
-0
T
12.5
Unit:m/m
Cover Tape
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
REF :
PAGE: 4
MH2012□□□□L□-□□□
NAME
PROD.
Components
200 m/m min.
no component
Leader
User direction of feed
400 m/m min.
no component
Trailer
End
P:4 m/m
4 m/m
Start
Carrier tape width : D
※
MULTILAYER CHIP INDUCTOR
AR-001A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com