Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10451R4ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SP10451R4ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10451R4ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SP10451R4ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AR-001A
R36
1R4
3R2
@ DC Current VS Temperature Rise
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
SHIELDED SMD
0
10
5
0
0
0
20
40
5
10
80
60
△℃
60
20
0
40
△℃
80
0
5
10
40
20
60
△℃
80
REF : 20091104-A
PROD.
NAME
0
2R2
5
20
30A
25
15
10
0
15
20
30
25A
15
20
30
25A
60
0
20
40
△℃
80
0
5
10
20
30A
25
15
15
20
30
25A
R80
40
20
60
△℃
80
ABC'S ITEM No.
ABC'S DWG No.
PAGE: 4
SP1045□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com