Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10451R4ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # SP10451R4ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10451R4ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  SP10451R4ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
400 m/m min.
no component
Size (cm)
40 x 40 x 24
SP1045□□□□L□-□□□
Carrier tape width : D
※
SPECIFICATION FOR APPROVAL
Embossed carrier
G
AR-001A
13±0.5
Series
Q'TY (pcs)
600
SP1045
G.W. (gw)
700
330
( 3 ) Q'TY & G.W. Per package
Style
13 - 24
Inner : Reel
21±0.8
AB
13 - 24
Style
2,400
Q'TY (pcs)
6.50
G.W. (Kg)
CD
24
Outer : Carton
G
26
+0
N
50
-0
User direction of feed
Components
1R4
1R4
200 m/m Min.
( 2 ) Dimensions
no component
Leader
End
P:16 m/m
1R4
1R4
1R4
4 m/m
PROD.
NAME
Ⅶ﹒PACKAGING INFORMATION:
REF :
POWER INDUCTOR
C
∮
2.0±0.5
SHIELDED SMD
( 1 ) Configuration
ABC'S ITEM No.
ABC'S DWG No.
T
Unit:m/m
30.4
T
Trailer
Start
D
Cover Tape
PAGE: 5
20091104-A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com