Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10451R4ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SP10451R4ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10451R4ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SP10451R4ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10451R4ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
E1:
1.00 typ.
B :
9.35±0.30
C :
4.50±0.30
D :
2.10 typ.
E :
2.00 typ.
A : 11.00±0.30
F :
6.00 typ.
E2:
1.50 typ.
Time ( seconds )
SP1045□□□□L□-□□□
SPECIFICATION FOR APPROVAL
Ⅲ﹒MATERIALS LIST:
Ⅳ﹒GENERAL SPECIFICATION:
AR-001A
f﹒Remark:Products comply with RoHS'
( Temp. rise included )
c﹒Resistance to solder heat:260℃. 10 secs.
requirements
a﹒Storage temp.:-55℃ ~ +135℃
b﹒Operating temp .:-55℃ ~ +135℃
Enamelled copper wire
a﹒Core:Ferrite ER core
b﹒Base:UL 94V-0
c﹒Wire:Ultra-fine rectangular
e﹒Adhesive:Epoxy resin
d﹒Clip:Cu / Ni / Sn
100
0
50
150
250
200
50
100
Rising Area
Temperature
+4.0
/ sec max.
℃
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Preheat Area
1 50 ~ 200
/ 60 ~ 120sec
℃
d
e
Black
Mass-prod.
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒MECHANICAL DIMENSIONS:
PROD.
NAME
REF :
1
2
E1
E
1.4
10.0
2.8
5.8
POWER INDUCTOR
B
SHIELDED SMD
C
ABC'S DWG No.
ABC'S ITEM No.
c
260
℃
250
200
150
50sec m ax.
70s ec m ax.
230
℃
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Coolin g Area
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Peak Tem perature:
b
m/m
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1
20091104-A


Similar Part No. - SP10451R4ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SP10451R3M2 ABC-SP10451R3M2 Datasheet
598Kb / 8P
SHIELDED SMD POWER INDUCTOR
SP10451R8M2 ABC-SP10451R8M2 Datasheet
598Kb / 8P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SP10451R4ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com