Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR0805220ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR0805220ML
Description  SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0805220ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR0805220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AR-001A
1). □:Packaging information… A:Bulk
B:Taping Reel
3). IDC base on temp. rise 40
max. &
L/L0A=10% max.
℃△
2)."-
":Reference code
SR0805182KL□ -□□□
SR0805472KL□ -□□□
□
□ □
SR0805272KL□
SR0805332KL□
SR0805392KL□
SR0805222KL□
-□□□
-□□□
-□□□
-□□□
SR0805681KL□ -□□□
SR0805821KL□
SR0805102KL□
SR0805122KL□
SR0805152KL□
-□□□
-□□□
-□□□
-□□□
SR0805331KL□
SR0805391KL□
SR0805471KL□
SR0805561KL□
-□□□
-□□□
-□□□
-□□□
1.6
0.252M
1K
30
1800.0±10%
1K
1K
1K
1K
1K
30
4700.0±10%
2700.0±10%
3300.0±10%
3900.0±10%
2200.0±10%
31
28
28
29
1.0
0.252M
0.252M
0.252M
0.252M
0.252M
1.4
1.1
1.2
1.5
1K
1K
1K
1K
1K
1K
1K
1K
1K
29
680.0±10%
1200.0±10%
1500.0±10%
820.0±10%
1000.0±10%
28
27
28
27
470.0±10%
560.0±10%
390.0±10%
330.0±10%
12
30
12
12
3.5
0.796M
0.796M
0.252M
0.252M
0.252M
2.6
2.4
3.2
3.0
0.796M
0.796M
0.796M
0.796M
3.8
3.7
4.0
4.3
0.14
9.200
0.08
21.000
0.12
0.09
0.10
0.13
11.800
18.000
16.500
10.000
0.28
2.800
0.23
0.17
0.15
0.21
6.800
8.000
4.000
4.500
0.36
0.40
0.34
0.30
1.960
2.500
1.770
1.260
SPECIFICATION FOR APPROVAL
SR0805□□□□L□-□□□
33.0
7.960M
1K
30
SR08056R8ML□
6.8±20%
-□□□
SR0805470KL□ -□□□
SR0805121KL□ -□□□
SR0805151KL□
SR0805181KL□
SR0805221KL□
SR0805271KL□
-□□□
-□□□
-□□□
-□□□
SR0805560KL□
SR0805680KL□
SR0805101KL□
SR0805820KL□
-□□□
-□□□
-□□□
-□□□
SR0805180ML□ -□□□
SR0805220ML□
SR0805270ML□
SR0805390KL□
SR0805330KL□
-□□□
-□□□
-□□□
-□□□
SR08058R2ML□
SR0805100ML□
SR0805120ML□
SR0805150ML□
-□□□
-□□□
-□□□
-□□□
9.0
2.520M
1K
15
47.0±10%
1K
1K
1K
1K
1K
1K
1K
1K
1K
12
120.0±10%
180.0±10%
220.0±10%
270.0±10%
150.0±10%
12
12
12
12
68.0±10%
82.0±10%
100.0±10%
56.0±10%
15
12
12
15
5.6
0.796M
0.796M
0.796M
0.796M
0.796M
5.0
4.8
4.5
5.5
2.520M
2.520M
0.796M
2.520M
8.0
6.5
7.0
8.5
1K
1K
1K
1K
1K
1K
1K
1K
1K
18.0±20%
20
33.0±10%
39.0±10%
22.0±20%
27.0±20%
15
15
20
20
12.0±20%
15.0±20%
10.0±20%
8.2±20%
25
25
25
29
2.520M
15.0
2.520M
2.520M
2.520M
2.520M
10.0
9.5
13.0
12.0
2.520M
2.520M
2.520M
7.960M
20.0
16.0
22.0
30.0
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SMD POWER INDUCTOR
SR08053R3ML□ -□□□
SR08053R9ML□
SR08054R7ML□
SR08055R6ML□
-□□□
-□□□
-□□□
DWG No.
SR08051R5ML□
SR08052R5ML□ -□□□
-□□□
NAME
PROD.
REF : 20090505-B
L
1K
1K
1K
1K
1K
1K
Test Freq. ( Hz )
32
3.3±20%
4.7±20%
5.6±20%
3.9±20%
31
31
32
( μH )
1.5±20%
2.5±20%
Inductance
ref.
32
32
Q
55.0
7.960M
7.960M
7.960M
7.960M
38.0
34.0
45.0
7.960M
7.960M
Q
nom.
120.0
70.0
( MHz )
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
3.20
0.040
1.00
0.200
0.66
0.480
0.58
0.49
0.42
0.51
0.770
1.110
0.960
0.680
0.85
0.94
0.72
0.78
0.300
0.450
0.370
0.240
0.100
1.60
1.50
1.20
1.30
1.10
0.140
0.160
0.120
0.110
2.30
2.80
2.00
1.80
0.080
0.090
0.070
0.050
4.60
0.022
4.40
3.50
3.70
0.033
0.035
0.024
max.
5.00
6.00
( A )
IDC
max.
0.015
0.020
RDC
( Ω )
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com