Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR0805220ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SR0805220ML
Description  SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0805220ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SR0805220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
500
A
330
1,000
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
AR-001A
SR0805
SR0805
Series
Style
13 - 16
( 2 ) Dimensions
Outer : Carton
650
1,300
13 - 16
13 - 16
G.W. (gw)
Inner : Reel
Style
3,000
6,000
5.25
10.5
Q'TY (pcs)
G.W. (Kg)
User direction of feed
21±0.8
B
13±0.5
C
16
D
+0
18
G
40 x 40 x 24
40 x 40 x 24
SIZE (cm)
-0
50
N
22.4
T
Unit:m/m
2.0±0.5
Ⅶ﹒PACKAGING INFORMATION:
SMD POWER INDUCTOR
no component
SPECIFICATION FOR APPROVAL
200 m/m min.
End
Leader
( 1 ) Configuration
REF : 20090505-B
PROD.
NAME
Embossed carrier
Carrier tape width : D
※
Components
4 m/m
P:12 m/m
G
C
∮
Start
Trailer
no component
400 m/m min.
D
T
ABC'S ITEM NO.
ABC'S DWG NO.
Cover tape
PAGE: 4
SR0805□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com