Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR0805220ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SR0805220ML
Description  SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0805220ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SR0805220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR0805220ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Amldester 200
200
MW-74
A200
Polyesterimide
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
AR-001A
Polysol P155p
Polysol 170
Polysol-N 180
Polysol-N 155
Polysol 155
Polysol 155p
Polysol 160
Polysol 180
Polysol 155g
P170 or G170
P155p
PN180
Polyurechane
Polyurechane
Pg155
P180,G180
Pp155,Gp155
P160
P155, G155
PN155
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
MW-79
____
____
Nylon
MW-79
MW-83
MW-79
____
____
____
____
Nylon
____
MW-75
MW-75
MW-79
MW-82
MW-79
MW-80,
MW-79,
MW-28
155
155
180
155
130
130
155
180
155
155,
155,
130
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
Magnet Wire-Comporent
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
Estersol 180
Mtl Dsg
OBMW2
PROD.
NAME
REF : 20090505-B
Coating Type
October 06, 2005
Mark Dsg
E180
BC
(solderable)
Polyesterimide
OC
____
____
Typ
MW-77
ANSI
ABC'S ITEM NO.
ABC'S DWG NO.
Class
180
Temp
E143312
SR0805□□□□L□-□□□
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com