Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1209130ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # ST1209130ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST1209130ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  ST1209130ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD TOROIDAL POWER FILTER
13±0.5
4R7
4R7
4R7
4R7
ST1209□□□□L□-□□□
PROD.
(
2) Dimensions : (m/m)
Q'TY (pcs)
(
3) Q'TY & G.W. Per package :
Ⅵ﹒
PACKAGING INFORMATION:
A
Style
AR-001A
ST1209
400
13 - 24
Type
330
End
NAME
T
N
G
D
C
B
Outer : Carton
750
13 - 24
Inner : Reel
G.W. (gw)
21±0.8
Style
1600
4.0
Q'TY (pcs)
24
G.W. (kg)
+0
26
40 x 40 x 24
Size (cm)
-0
50
30.4
P: 16m/m
4 m/m
ABC'S DWG NO.
ABC'S ITEM NO.
Start
SPECIFICATION FOR APPROVAL
REF :
PAGE: 3
Components
200 m/m min.
no component
Leader
400 m/m min.
User direction of feed
no component
Trailer
C
∮
( 1 ) Configuration
2.0±0.5
Cover Tape
D
Carrier tape width : D
※
G
Embossed carrier
T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com