Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1209130ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # ST1209130ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST1209130ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  ST1209130ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMD TOROIDAL POWER FILTER
More than 95% of the
Electrical oharacteristics shall
Humidity test
Resistance test
High temp.
Solderability
Test item
( Temp. cycle )
Thermal shock test
Specification
than ±20%
not change more
terminal electrode
Shall be covered
With fresh solder.
Total : 50 cycles
Time : 1000 hours
Humidity : 90±5%
Temperature : 40±2℃
Temperature : 125±5℃
Time : 96 hours
Applied current : Per spec.
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
30 minutes
30 minutes
+125 ℃
Test condition
Flux : Rosin
Dip time : 5±0.5 seconds
Solder temp. : 235±5℃
Room temp.
15 minutes
15 minutes
Room temp.
Preheat : 155
/ 4 hours.
℃
-25 ℃
ST1209□□□□L□-□□□
Ⅷ﹒
RELIABILITY TEST:
AR-001A
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
REF :
PAGE: 5
PROD.
NAME



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com