Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1209130ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # ST1209130ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST1209130ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  ST1209130ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST1209130ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPECIFICATION FOR APPROVAL
SMD TOROIDAL POWER FILTER
Wednesday,January 22, 2003
Underwriters Laboratories Inc.
Polyphenylene sulfide (PPS), glass reintorced, designated "RYTON", furnished as pellets.
Polyphenylene sulfide (PPS), glass reintorced, mineral reinforced, designated "RYTON", furnished as pellets.
CHEVRON PHILLIPS CHENICAL CO L P
Sunday,August 23, 1998
V-0, 5VA
V-0, 5VA
Flame
UL94
1.5
AR-001A
6.0
3.0
R-7
Mti Dsg
R-4-230NA
QMFZ2
Component-Plastics
NC
0.38
NC,BK,TN
0.71
0.71
1.5
3.0
1.8
6.0
Col
mm
Thk
Min
NAME
REF :
PROD.
220
220
220
1
0
05
3
V-0
220
220
V-0
V-0
220
220
220
220
—
1
R
0
—
5
5
0
0
3
3
Str
220
220
220
220
200
200
130
130
130
V-0
V-0
200
5VA
V-0
V-0
220
220
220
220
200
200
200
200
200
200
200
Class
Elec
Imp
RTI
Mech
—4
—5
4
10
—
0
0
0
4
0
0
0
—
1
5
03
5
5
5
5
5
4
4
4
4
4
4
4
4
4
4
H
T
V
H
W
II
A
H4
9
D
5
RI
T
C
E54700
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 7
ST1209□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com