Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE78L05 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE78L05
Description  Positive Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE78L05 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE78L05 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
                                                                                                                
ACE78LXX
                        Technology
Positive Voltage Regulator
VER 1.2
4
ACE78L09 (Refer to the test circuits, TJ=0~125℃, IO=40mA, VIN=15V, Cin=0.33μF, Co=0.1μF unless otherwise specified)
(Note1)
Symbol
Test Condition
Min
Typ
Max
Unit
A-Rank (3%)
8.73
9.0
9.27
VO
B-Rank (5%)
VIN=15V, IO=40mA, TJ=25℃
11.5V≦VIN≦24V, 1mA≦IO≦40mA
11.5V≦VIN≦Vmax, 1mA≦IO≦70mA
(Note2)
8.55
9.45
V
11.5V≦VIN≦24V, IO=40mA, TJ=25℃
90
200
ΔVO (Line Regulation)
13V≦VIN≦24V, IO=40mA, TJ=25℃
100
150
mV
VIN=15V, 1mA≦IO≦100mA, TJ=25℃
20
90
ΔVO (Load Regulation)
VIN=15V, 1mA≦IO≦40mA, TJ=25℃
10
45
mV
IQ
VIN=15V, IO=0mA,TJ=25℃
2.0
6.0
mA
VIN=15V, 1mA≦IO≦40mA
0.1
ΔIQ
13V≦VIN≦24V, IO=40mA
1.5
mA
Vn
10Hz≦f≦100KHz
49
μV
RR
12V≦VIN≦23V, IO=40mA, f=120Hz,TJ=25℃
38
44
dB
VD
IO=100mA, TJ=25℃
1.7
V
Δ
VO/ΔTJ
IO=5mA, 0℃≦TJ≦125℃
0.75
mV/℃
ACE78L10 (Refer to the test circuits, TJ=0~125℃, IO=40mA, VIN=17V, Cin=0.33μF, Co=0.1μF unless otherwise specified)
(Note1)
Symbol
Test Condition
Min
Typ
Max
Unit
A-Rank (3%)
9.70 10.0 10.3
VO
B-Rank (5%)
VIN=17V, IO=40mA, TJ=25℃
13V≦VIN≦25V, 1mA≦IO≦40mA
13V≦VIN≦Vmax, 1mA≦IO≦70mA
(Note2)
9.50
10.5
V
13V≦VIN≦25V, IO=40mA, TJ=25℃
51
175
ΔVO (Line Regulation)
14V≦VIN≦25V, IO=40mA, TJ=25℃
42
125
mV
VIN=17V, 1mA≦IO≦100mA, TJ=25℃
20
90
ΔVO (Load Regulation)
VIN=17V, 1mA≦IO≦40mA, TJ=25℃
11
40
mV
IQ
VIN=17V, IO=0mA,TJ=25℃
4.2
6.0
mA
VIN=17V, 1mA≦IO≦40mA
0.1
ΔIQ
14V≦VIN≦25V, IO=40mA
1.5
mA
Vn
10Hz≦f≦100KHz
62
μV
RR
15V≦VIN≦25V, IO=40mA, f=120Hz,TJ=25℃
37
44
dB
VD
IO=100mA, TJ=25℃
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com