Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE78L05 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE78L05
Description  Positive Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE78L05 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE78L05 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
                                                                                                                
ACE78LXX
                        Technology
Positive Voltage Regulator
VER1.2
1 
Description
The ACE78LXX series of positive regulators are available in the SOT-89-3 package and with 5V, 6V, 8V,
9V, 10V, 12V, 15V, 18V and 24V fixed output voltages, marking it useful in a wide range of applications.
These regulators can provide local on-card regulation, eliminating the distribution problems associated
with single point regulation. Each type employs internal current limiting, thermal shut-down and safe
operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they
can deliver over 100mA output current. Although designed primarily as fixed voltage regulators, these
devices can be used with external components to obtain adjustable voltages and currents. ACE78LXX is
characterized for operation from 0℃ to +125℃.
Features
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
Absolute Maximum Ratings
Parameter
Max
Unit
ACE78L05~10
30
ACE78L12~18
35
Input Voltage
ACE78L24
40
V
Output current
100
mA
Operating junction temperature range
0 ~125
OC
Storage temperature range
- 55 ~ 150
OC
Power Dissipation
350*
mW
* When tested in free air condition, without heat sinking.
Packaging Type
SOT-89-3
1
VOUT
2
GND
3
VIN
1
2
3


Similar Part No. - ACE78L05

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
5V 3-Terminal Positive Voltage Regulator
VER1.2
More results

Similar Description - ACE78L05

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com