Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE78L05 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE78L05
Description  Positive Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE78L05 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE78L05 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE78L05 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
 
                                                                                                                
ACE78LXX
                        Technology
Positive Voltage Regulator
VER 1.2
6
ACE78L18 (Refer to the test circuits, TJ=0~125℃, IO=40mA, VIN=27V, Cin=0.33μF, Co=0.1μF unless otherwise specified)
(Note1)
Symbol
Test Condition
Min
Typ
Max
Unit
A-Rank (3%)
17.46 18.0 18.54
VO
B-Rank (5%)
VIN=27V, IO=40mA, TJ=25℃
21V≦VIN≦33V, 1mA≦IO≦40mA
21V≦VIN≦Vmax, 1mA≦IO≦70mA
(Note2)
17.10
18.9
V
21V≦VIN≦33V, IO=40mA, TJ=25℃
145
300
ΔVO (Line Regulation)
22V≦VIN≦33V, IO=40mA, TJ=25℃
135
250
mV
VIN=27V, 1mA≦IO≦100mA, TJ=25℃
30
170
ΔVO (Load Regulation)
VIN=27V, 1mA≦IO≦40mA, TJ=25℃
15
85
mV
IQ
VIN=27V, IO=0mA,TJ=25℃
2.0
6.0
mA
VIN=27V, 1mA≦IO≦40mA
0.1
ΔIQ
21V≦VIN≦33V, IO=40mA
1.5
mA
Vn
10Hz≦f≦100KHz
150
μV
RR
23V≦VIN≦33V, IO=40mA, f=120Hz,TJ=25℃
34
48
dB
VD
IO=100mA, TJ=25℃
1.7
V
Δ
VO/ΔTJ
IO=5mA, 0℃≦TJ≦125℃
-1.8
mV/℃
ACE78L24 (Refer to the test circuits, TJ=0~125℃, IO=40mA, VIN=33V, Cin=0.33μF, Co=0.1μF unless otherwise specified)
(Note1)
Symbol
Test Condition
Min
Typ
Max
Unit
A-Rank (3%)
23.28 24.0 24.72
VO
B-Rank (5%)
VIN=33V, IO=40mA, TJ=25℃
27V≦VIN≦38V, 1mA≦IO≦40mA
27V≦VIN≦Vmax, 1mA≦IO≦70mA
(Note2)
22.80
25.20
V
27V≦VIN≦38V, IO=40mA, TJ=25℃
160
300
ΔVO (Line Regulation)
28V≦VIN≦38V, IO=40mA, TJ=25℃
150
250
mV
VIN=33V, 1mA≦IO≦100mA, TJ=25℃
40
200
ΔVO (Load Regulation)
VIN=33V, 1mA≦IO≦40mA, TJ=25℃
20
100
mV
IQ
VIN=33V, IO=0mA,TJ=25℃
2.2
6.0
mA
VIN=33V, 1mA≦IO≦40mA
0.1
ΔIQ
27V≦VIN≦38V, IO=40mA
1.5
mA
Vn
10Hz≦f≦100KHz
200
μV
RR
27V≦VIN≦38V, IO=40mA, f=120Hz,TJ=25℃
34
45
dB
VD
IO=100mA, TJ=25℃
1.7
V
Δ
VO/ΔTJ
IO=5mA, 0℃≦TJ≦125℃
-2.0
mV/℃
Note 1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the
package and copper of PCB. The data above represent pulse test conditions with junction temperatures specified at
the initiation of test.
Note 2: Power dissipation<0.5W.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com