Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE150X Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE150X
Description  150KHz,2A, PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150X Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE150X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 3Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 4Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
2
Packaging Type
SOP-8 (ACE1502XXFM+)
Vin
GND
Vout
GND
FB
GND
SHDN
GND
SOP-8 (ACE1501XXFM+)
NC
GND
Vin
GND
Vout
GND
FB
GND
Pin Description
Selection Guide
ACE150 X XX XX + H
Power Dissipation Table
Package
θ
JA
(
OC /W )
Df(mW/℃)TA≧25℃
TA≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
FM
70
6.06
1785
1142
928
Note:
1.Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator
will go into Thermal shutdown.
2.TJ: Junction Temperature Calculation TJ = TA + ( PD x θJA )
The θJA numbers are guidelines for the thermal performance of the device/PC-board system. All of the above
assume no Ambient airflow.
3.θJA : Thermal Resistance-Junction to Ambient, DF: Derating factor, Po: Power consumption
FM : SOP-8
Output Voltage: 
3.3V/5.0V/12V/ADJ
Pb - free
Pin
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com