Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE150X Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE150X
Description  150KHz,2A, PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150X Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE150X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 3Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 4Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 9Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
6
Quick design component selection table for adjustable output
Through Hole Output Capacitor
Surface Mount Output Capacitor
Output
Voltage
(V)
Panasonic
HFQ Series
(μF/V)
Nichicon
PL Series
(μF/V)
Feed
forward
Capacitor
Panasonic
HFQ Series
(μF/V)
Nichicon
PL Series
(μF/V)
Feed
forward
Capacitor
2
820/35
820/35
33nF
330/6.3
470/4
33nF
4
560/35
470/35
10nF
330/6.3
390/6.3
10nF
6
470/25
470/25
3.3nF
220/10
330/10
3.3nF
9
330/35
330/25
1.5nF
100/16
180/16
1.5nF
12
330/25
330/25
1nF
100/16
180/16
1nF
15
220/35
220/25
680pF
68/20
120/20
680pF
24
220/35
150/35
560pF
33/25
33/25
220pF
Quick design component selection table for Fixed output
Output Capacitor (μF/V)
Input / Output Condition
Inductor
Through Hole
Electrolytic
Surface Mount
Tantalum
Output
Voltage
(V)
Load
Current
(A)
Max.
input
Voltage
(V)
Inductance
(μF)
Current
(A)
Nichicon
PL
Series
Panasonic
HFQ
Series
Sprague
595D
Series
AVX
TPS
Series
8
22
3.5
560/25
560/25
330/10
220/10
15
33
3.5
330/35
330/35
330/10
220/10
3
25
47
3.5
270/35
330/35
330/10
220/10
9
22
3.1
560/16
470/25
330/10
220/10
15
68
3.1
180/35
180/35
270/10
100/10
5
2
25
68
3.1
180/35
180/35
270/10
100/10
5
22
3.5
560/16
470/25
390/6.3
330/6.3
12
22
3.5
560/25
560/35
390/6.3
330/6.3
3
25
33
3.5
470/35
680/35
390/6.3
330/6.3
6
22
3.1
470/35
470/25
390/6.3
330/6.3
12
33
3.1
330/35
330/35
390/6.3
330/6.3
3.3
2
25
47
3.1
270/50
330/35
330/10
220/10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com