Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE150X Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE150X
Description  150KHz,2A, PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE150X Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE150X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 3Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 4Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 5Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 6Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 7Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 8Page - ACE Technology Co., LTD. ACE150X Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
                                                                                                                    
ACE150X
                        Technology
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
1 
Description
The ACE150x series are monolithic IC designed for a step-down DC/DC converter, and own the ability of
driving 2A load without additional transistor. It saves board space.
The Internal compensation makes feedback control having good line and load regulation without
external design. Regarding protected function, thermal shutdown is to prevent over temperature operating
from damage, and current limit is against over current operating of the output switch. If current limit
function occurs and VFB is down below 0.5V, the switching frequency will be reduced.
The ACE150x series operate at a switching frequency of 150KHz. Other features include a guaranteed
+4% tolerance on output voltage under specified input voltage and output load conditions, and +15% on
the oscillator frequency. The output version included fixed 3.3V, 5V, 12V, and an adjustable type. The
chips are available in a standard 8-lead SOP-8 package..
Features
• Guaranteed 2A output current
• 3.3V, 5V, 12V and adjustable output versions
• Thermal shutdown and current limit protection
• Internal oscillator of 150kHz fixed frequency.
• Built-in TTL On/Off control
Application
• One Channel switching regulators
• LCD Monitors
• High-efficiency step-down regulator
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input supply voltage
VCC
24
V
ON/OFF Pin Input Voltage
VSD
-0.3 to +18
V
Feedback Pin Voltage
VFB
-0.3 to +18
V
Output Voltage to Ground
VOUT
-1
V
Power Dissipation
PD
Internally Limited W
Thermal resistance junction to ambient
SOP-8
θJA
70
OC/W
Operating junction temperature
TJ
150
OC
Storage temperature range
TSTG
- 60 to 150
OC
Operating temperature
TOPR
-40 to +125
OC
Note : Exceeding these rating could cause damage to the device. All voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.


Similar Part No. - ACE150X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1500B ACE-ACE1500B Datasheet
758Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501E FAIRCHILD-ACE1501E Datasheet
1Mb / 33P
ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM FAIRCHILD-ACE1501EM Datasheet
1Mb / 33P
ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM8 FAIRCHILD-ACE1501EM8 Datasheet
1Mb / 33P
ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Similar Description - ACE150X

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com