Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE432 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE432
Description  Precision adjustable shunt voltage reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE432 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE432 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
                                                                                                                     
ACE432
                        Technology
Precision adjustable shunt voltage reference
VER 1.2
1 
Description
The ACE432 is a low voltage three terminal adjustable shunt regulator with a guaranteed thermal
stability over applicable temperature ranges. The output voltage can be set to any value between
VREF )approximately 1.24V) to 8V with two external resistors.
The device has a typical output impedance of 0.30Ω. Active output circuitry provides a very sharp turn on
characteristic, making this device excellent replacement for Zener diodes in many applications.
The ACE432 is characterized for operation from 0℃ to 105℃, and two package options (SOT-23-3 and
TO-92) allow the designer the opportunity to select the proper package for their applications.
Features
• Low voltage operation (1.24V)
• Adjustable output voltage V
D=VREF to 8V
• Wide operating current range 60μA to 100mA
• Low dynamic output impedance 0.30Ω (Typ.)
• Trimmed bandgap design up ±0.5%
• ESD rating is 2.5KV (Per MIL-STD-883D)
Application
• Linear Regulators
• Adjustable Supplies
• Switching Power Supplies
• Battery Operated Computers
• Instrumentation
• Computer Disk Drives
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Cathode to Anode Voltage (Note 2)
VKA
8
V
Continuous Cathode Current
IKA
150
mA
Reference Input Current
IREF
3
mA
Thermal resistance junction to ambient
TO-92
SOP-8
SOT-89-3
SOT-23-3
SOT-23-5
θJA
220
150
120
230
230
OC/W
Operating junction temperature
TJ
150
OC
Storage temperature range
TSTG
- 45 to 150
OC
Lead temperature (soldering) 10sec
TLEAD
260
OC
Note 1: Exceeding these rating could cause damage to the device. All voltages are with respect to Ground. Currents are positive
into, negative out of the specified terminal.
Note 2: Voltage values are with respect to the anode terminal unless otherwise noted.


Similar Part No. - ACE432

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432ABMA+H ACE-ACE432ABMA+H Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432ABMB+H ACE-ACE432ABMB+H Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432ABME+H ACE-ACE432ABME+H Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
More results

Similar Description - ACE432

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
Precision Adjustable Shunt Reference
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
Precision Adjustable Shunt Reference
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
Precision Adjustable Shunt Reference
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com