Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE511 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE511
Description  500mA LDO Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE511 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE511 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
                                                                                                                      
ACE511
                        Technology
500mA LDO Linear Voltage Regulator
VER 1.2
2
Packaging Type
SOT-89-3
SOT-23-3
Ordering information
Selection Guide
ACE511 X XX XX + H
ACE5111XXAM+ ACE5112XXAM+
1
VOUT
1
GND
2
GND
2
VIN
3
VIN
3
VOUT
ACE5111XXBM+ ACE5112XXBM+
1
VOUT
1
GND
2
VIN
2
VOUT
3
GND
3
VIN
AM : SOT-89-3
BM : SOT-23-3
Output Voltage: 
1.5V/1.8V/2.5V/2.8V/3.0V/3.3V/3.6V
Pb - free
1
2
3
3
1
2
Pin
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com