Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE511 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE511
Description  500mA LDO Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE511 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE511 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
                                                                                                                      
ACE511
                        Technology
500mA LDO Linear Voltage Regulator
VER 1.2
3
Power Dissipation Table
Package
θ
JA
(
OC /W )
TA≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
AM
180
694
444
361
BM
230
543
348
283
Note:
1.Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator
will go into Thermal shutdown.
2.TJ: Junction Temperature Calculation TJ = TA + ( PD x θJA )
The θJA numbers are guidelines for the thermal performance of the device/PC-board system. All of the above
assume no Ambient airflow.
3.θJA : Thermal Resistance-Junction to Ambient, DF: Derating factor, Po: Power consumption
Recommended Operating Conditions
Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN
2.8
5.5
V
Load Current
(with adequate heat sinking)
IO
5
mA
Junction temperature Range
TJ
125
OC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com