Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE511 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE511
Description  500mA LDO Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE511 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE511 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE511 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
                                                                                                                      
ACE511
                        Technology
500mA LDO Linear Voltage Regulator
VER 1.2
4
Electrical Characteristics
Operating Conditions: VIN = 5V, IOUT =10mA; TJ=25 ℃,unless otherwise specified.(COUT=2.2uF, ,CIN=2.2 uF)
Notes:
1. Output voltage temperature coefficient is the worst case voltage change divided by the total temperature range.
2. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 100μA to 500mA. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
3. Dropout voltages is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at 1V differential.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
ACE511-1.5 (VIN=3.3V)
ACE511-1.8 (VIN=3.3V)
ACE511-2.5
ACE511-2.8
ACE511-3.0
ACE511-3.3
ACE511-3.6
1.470
1.764
2.450
2.744
2.940
3.234
3.528
1.5
1.8
2.5
2.8
3.0
3.3
3.6
1.530
1.836
2.550
2.856
3.060
3.366
3.672
V
Line Regulation
VSR
VIN=(VOUT+1)V to 5.5V
1
%
IOUT=10~250mA
1
Load Regulation (2)
VLR
VIN=(VOUT+1)V
IOUT=10~500mA
1.5
%
Ground Current
IGND
IOUT=10mA
65
uA
Dropout Voltage (3)
VD
IOUT=500mA
0.8
V
Current Limit
ILIMIT
VOUT=0V
0.7
A
Output Voltage Temperature Coefficient
TC
Note 1
50
ppm/℃
Thermal protection temperature
150
Thermal Protection
TPRO
Protection Hysterisys
20
OC,
RMS Output Noise
VN
TA=25
OC,,10HZ ≤f≤10KHZ,
0.003
%/VO
Ripple Rejection Ratio
PSRR
f = 120Hz,
51
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com