Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE703 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE703
Description  White LED PFM Step-Up DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE703 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE703 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
 
                                                                                                                      
ACE703
                        Technology
White LED PFM Step-Up DC-DC Converter
VER 1.2
4
Electrical Characteristics
(Vin=2.5V, VCE=Vout=3.3V,R=33Ω,TA=25°C, unless otherwise noted.)
Reference data
Symbol
Item
Test conditions
Min
Typ. Max
Unit
80
100
120
180
200
220
230
250
270
280
300
320
330
350
370
VIFB
Feedback voltage
Iout=100mA
380
400
420
mV
Vstart
Start-up voltage
Iout=1mA,
Vin:0
→2V
0.8
0.9
V
Vhold
Hold-on voltage
Iout=1mA,
Vin:2
→0V
0.6
0.7
V
IDD2*5
Quiescent current drawn from
power source
LX hung in air, VCE=VIFB=
Vout=3.3V, Vin=2.5V
20
30
uA
Inoload*6
Current with no load
OUT pin and IFB pin without any
load, VIFB=0
100
150
uA
ILX
LX switching current
Vlx=0.4V,VIFB=0
700
mA
ILXleak
LX leakage current
Vout=Vlx=VIFB=6V,
1
uA
Ileak
Stand-by current
Vout=3.3V, VCE=0, LX、IFB hung in
air
<
0.1
0.5
uA
Fosc
Oscillator frequency
VIFB=0,
300
350
400 kHZ
Maxdty
Oscillator duty cycle
On(Vlx “L”)side
70
75
80
%
η
Efficiency
Iout=300mA
80
%
VCEH
CE “H” threshold voltage
VCE:0→2V
0.6
0.9
V
VCEL
CE “L” threshold voltage
VCE:2→0V
0.3
0.6
V
IOM
Maximum output current
VIFB=0,Vout≡3.3V
500
mA
Note:
1.Diode:schottky type, such as:1N5817,1N5819,1N5822
2.Inductor:22uH(R<0.5
Ω)
3.Capacitor:100uF (Tantalum type)
4.Compensation capacitor:22uF (Tantalum type)
5.IDD2 is quiescent current drawn from power source, It is the minimum current of the chip without any dynamic current
6.Ino load is the current with no load in constant current application, it’s also the current consumed by the converter itself, including
the chip and external circuits, when Vin=2.5V,Vout=VOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com