Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE703 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE703
Description  White LED PFM Step-Up DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE703 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE703 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
 
                                                                                                                      
ACE703
                        Technology
White LED PFM Step-Up DC-DC Converter
VER 1.2
6
Detailed description
The ACE703 series are boost structure, voltage-type pulse-frequency modulation (PFM) step-up DC-DC
converter. It can deliver constant current or constant voltage. In constant current application, only five
external components are necessary to supply output current from 0 to 500mA:an inductor, an output filter
capacitor, a shottky diode, a compensation capacitor and a resistor which adjusts the output current. In
constant voltage application, to deliver adjustable and low noise output voltage from 2.5V to 6.0V, only six
external components are necessary as well: an inductor, a output filter capacitor, a shottky diode, a
compensation capacitor and two resistors for output voltage detect. The ACE703 device consists of
resistors for output voltage detection and trimming, a start-up voltage circuit, an oscillator, a reference
circuit, a PFM control circuit, a switch protection circuit, a voltage limit protection circuit and a driver
transistor.
● How to determine Rc in constant current application condition
We define output current is IOUT ,then Rc can be determined by Rc=VIFB/IOUT
For example, if we need Iout=100mA,and we choose the chip of VIFB=200mV,thus
Rc=200mV/100mA=2Ω
● How to determine R1,R2 in constant voltage application
We define output voltage is Vout, then R1/R2=VOUT/VIFB-1,R2 is in the range of 1KΩ~100KΩ.If we
need Vout =3.3V,and we choose the ACE703 of VIFB=400mV and select R2=4KΩ,thus R1=29KΩ.
In constant voltage application, we suggest using the high VIFB type ACE703,because there is voltage
ripple in existence on feedback voltage. When VIFB is high, the infection of the ripple is less than that of
low VIFB type, so the output is more stable.
The PFM control circuit is the core of the ACE703 IC. This block controls power switch on/off duty cycle
to stabilize output voltage by calculating results of other blocks which sense input voltage, output voltage,
output current and load conditions. In PFM modulation system, the frequency and pulse width is fixed.
The duty cycle is adjusted by skipping pulses, so that switch on-time is changed based on the conditions
such as input voltage, output current and load. The oscillate block inside ACE703 provides fixed
frequency and pulse width wave.
High-gain differential error amplifier guarantees stable output voltage at difference input voltage and load.
In order to reduce ripple and noise, the error amplifier is designed with high bandwidth.
Though at very low load condition, the quiescent current of chip do affect efficiency certainly. The four
main energy loss of Boost structure DC-DC converter in full load are the ESR of inductor, the voltage of
Schottky diode, on resistor of internal N-channel MOSFET and its driver. In order to improve the efficiency,
ACE703 integrates low on-resistor N-channel MOSFET and well designed driver circuits. The switch
energy loss is limited at very low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com